|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC10EP16T, MC100EP16T 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Description The EP16T is a world-class differential receiver/driver. The device is functionally equivalent to the EP16 with internal termination resistors. A 50 W resistor is connected from the D input to the VT pin and from the D input to the VT pin. Tie the VT and VT pins to VTT supply (VCC - 2 V) for parallel termination or connect VT and VT pins for 100 W input series termination. Special considerations are required for differential inputs under No Signal conditions to prevent instability. The 100 Series contains temperature compensation. Features http://onsemi.com MARKING DIAGRAMS* 8 1 SOIC-8 D SUFFIX CASE 751 1 8 HEP61 ALYW G 8 KEP61 ALYW G 1 * 220 ps Typical Propagation Delay * Maximum Frequency > 3 GHz Typical * PECL Mode Operating Range: VCC = 3.0 V to 5.5 V * * * with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -3.0 V to -5.5 V Internal 50 W Termination Resistors Pb-Free Packages are Available 8 1 TSSOP-8 DT SUFFIX CASE 948R 8 HP61 ALYWG G 8 KP61 ALYWG G 1 1 5M MG G DFN8 MN SUFFIX CASE 506AA H K 5M 3D M = MC10 = MC100 = MC10 = MC100 = Date Code 1 4 1 A L Y W G = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package (Note: Microdot may be in either location) *For additional marking information, refer to Application Note AND8002/D. ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. (c) Semiconductor Components Industries, LLC, 2006 December, 2006 - Rev. 5 1 Publication Order Number: MC10EP16T/D 3D MG G 4 MC10EP16T, MC100EP16T Table 1. PIN DESCRIPTION PIN 50 W D 2 7 Q D, D Q, Q VCC VEE VT D 3 50 W VT 4 5 VEE 6 Q VT EP FUNCTION ECL Data Inputs ECL Data Outputs Positive Supply Negative Supply 50 W Termination Resistor to D 50 W Termination Resistor to D Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. VT 1 8 VCC Figure 1. 8-Lead Pinout (Top View) and Logic Diagram Table 2. ATTRIBUTES Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Charged Device Model Pb Pkg Level 1 Level 1 Level 1 Value N/A N/A > 4 kV > 200 V > 2 kV Pb-Free Pkg Level 1 Level 3 Level 1 Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) SOIC-8 TSSOP-8 DFN8 Flammability Rating Transistor Count Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34 UL 94 V-0 @ 0.125 in 167 Devices http://onsemi.com 2 MC10EP16T, MC100EP16T Table 3. MAXIMUM RATINGS Symbol VCC VEE VI Iout IBB TA Tstg qJA qJC qJA qJC qJA Tsol Parameter PECL Mode Power Supply NECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board 0 lfpm 500 lfpm Standard Board 0 lfpm 500 lfpm SOIC-8 SOIC-8 SOIC-8 TSSOP-8 TSSOP-8 TSSOP-8 DFN8 DFN8 Condition 1 VEE = 0 V VCC = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI v VCC VI w VEE Condition 2 Rating 6 -6 6 -6 50 100 0.5 -40 to +85 -65 to +150 190 130 41 to 44 185 140 41 to 44 129 84 265 265 Unit V V V V mA mA mA C C C/W C/W C/W C/W C/W C/W C/W C/W C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Table 4. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 2) -40C Symbol IEE VOH VOL VIH VIL VIHCMR RT IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 3) Output LOW Voltage (Note 3) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 4) Internal Termination Resistor Input HIGH Current Input LOW Current -150 Min 16 2165 1365 2090 1365 2.0 43 Typ 23 2290 1490 Max 31 2415 1615 2415 1690 3.3 57 150 -150 Min 16 2230 1430 2155 1430 2.0 43 50 25C Typ 23 2355 1555 Max 31 2480 1680 2480 1755 3.3 57 150 -150 Min 16 2290 1490 2215 1490 2.0 43 85C Typ 23 2415 1615 Max 31 2540 1740 2540 1815 3.3 57 150 Unit mA mV mV mV mV V W mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to -2.2 V. 3. All loading with 50 W to VCC - 2.0 V. 4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. http://onsemi.com 3 MC10EP16T, MC100EP16T Table 5. 10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5) -40C Symbol IEE VOH VOL VIH VIL VIHCMR RT IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 6) Output LOW Voltage (Note 6) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 7) Internal Termination Resistor Input HIGH Current Input LOW Current -150 Min 16 3865 3065 3790 3065 2.0 43 Typ 23 3990 3190 Max 31 4115 3315 4115 3390 5.0 57 150 -150 Min 16 3930 3130 3855 3130 2.0 43 50 25C Typ 23 4055 3255 Max 31 4180 3380 4180 3455 5.0 57 150 -150 Min 16 3990 3190 3915 3190 2.0 43 85C Typ 23 4115 3315 Max 31 4240 3440 4240 3515 5.0 57 150 Unit mA mV mV mV mV V W mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to -0.5 V. 6. All loading with 50 W to VCC - 2.0 V. 7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 6. 10EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = -5.5 V to -3.0 V (Note 8) -40C Symbol IEE VOH VOL VIH VIL VIHCMR RT IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 9) Output LOW Voltage (Note 9) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 10) Internal Termination Resistor Input HIGH Current Input LOW Current -150 Min 16 -1135 -1935 -1210 -1935 VEE + 2.0 43 Typ 23 -1010 -1810 Max 31 -885 -1685 -885 -1610 0.0 Min 16 -1070 -1870 -1145 -1870 VEE + 2.0 43 -150 50 25C Typ 23 -945 -1745 Max 31 -820 -1620 -820 -1545 0.0 Min 16 -1010 -1810 -1085 -1810 VEE + 2.0 43 -150 85C Typ 23 -885 -1685 Max 31 -760 -1560 -760 -1485 0.0 Unit mA mV mV mV mV V 57 150 57 150 57 150 W mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. Input and output parameters vary 1:1 with VCC. 9. All loading with 50 W to VCC - 2.0 V. 10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. http://onsemi.com 4 MC10EP16T, MC100EP16T Table 7. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11) -40C Symbol IEE VOH VOL VIH VIL VIHCMR RT IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 12) Output LOW Voltage (Note 12) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 13) Internal Termination Resistor Input HIGH Current Input LOW Current -150 Min 18 2155 1355 2075 1355 2.0 43 Typ 25 2280 1480 Max 35 2405 1605 2420 1675 3.3 57 150 -150 Min 20 2155 1355 2075 1355 2.0 43 50 25C Typ 27 2280 1480 Max 37 2405 1605 2420 1675 3.3 57 150 -150 Min 22 2155 1355 2075 1355 2.0 43 85C Typ 29 2280 1480 Max 39 2405 1605 2420 1675 3.3 57 150 Unit mA mV mV mV mV V W mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to -2.2 V. 12. All loading with 50 W to VCC - 2.0 V. 13. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14) -40C Symbol IEE VOH VOL VIH VIL VIHCMR RT IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 15) Output LOW Voltage (Note 15) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 16) Internal Termination Resistor Input HIGH Current Input LOW Current -150 Min 18 3855 3055 3775 3055 2.0 43 Typ 25 3980 3180 Max 35 4105 3305 4120 3375 5.0 57 150 -150 Min 20 3855 3055 3775 3055 2.0 43 50 25C Typ 27 3980 3180 Max 37 4105 3305 4120 3375 5.0 57 150 -150 Min 22 3855 3055 3775 3055 2.0 43 85C Typ 29 3980 3180 Max 39 4105 3305 4120 3375 5.0 57 150 Unit mA mV mV mV mV V W mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to -0.5 V. 15. All loading with 50 W to VCC - 2.0 V. 16. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. http://onsemi.com 5 MC10EP16T, MC100EP16T Table 9. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = -5.5 V to -3.0 V (Note 17) -40C Symbol IEE VOH VOL VIH VIL VIHCMR RT IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 18) Output LOW Voltage (Note 18) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 19) Internal Termination Resistor Input HIGH Current Input LOW Current -150 Min 18 -1145 -1945 -1225 -1945 VEE + 2.0 43 Typ 25 -1020 -1820 Max 35 -895 -1695 -880 -1625 0.0 Min 20 -1145 -1945 -1225 -1945 VEE + 2.0 43 -150 50 25C Typ 27 -1020 -1820 Max 37 -895 -1695 -880 -1625 0.0 Min 22 -1145 -1945 -1225 -1945 VEE + 2.0 43 -150 85C Typ 29 -1020 -1820 Max 39 -895 -1695 -880 -1625 0.0 Unit mA mV mV mV mV V 57 150 57 150 57 150 W mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 17. Input and output parameters vary 1:1 with VCC. 18. All loading with 50 W to VCC - 2.0 V. 19. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = -3.0 V to -5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20) -40C Symbol fmax tPLH, tPHL tSKEW tJITTER VPP tr tf Characteristic Maximum Frequency (Figure 2) Propagation Delay to Output Differential Duty Cycle Skew (Note 21) Cycle-to-Cycle Jitter (Figure 2) Input Voltage Swing (Differential Configuration) Output Rise/Fall Times (20% - 80%) Q, Q 150 70 150 Min Typ >3 230 5.0 0.2 800 120 300 20 <1 1200 170 150 80 150 Max Min 25C Typ >3 240 5.0 0.2 800 130 300 20 <1 1200 180 150 100 200 Max Min 85C Typ >3 275 5.0 0.2 800 140 350 20 <1 1200 200 Max Unit GHz ps ps ps mV ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 20. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC - 2.0 V. 21. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. http://onsemi.com 6 MC10EP16T, MC100EP16T 900 800 VOUTpp (mV) 700 600 500 400 300 200 100 0 (JITTER) 9 JITTEROUT ps (RMS) 8 7 6 5 4 3 2 1 4000 0 500 1000 1500 2000 2500 3000 3500 FREQUENCY (MHz) Figure 2. Fmax/Jitter Q Driver Device Q Zo = 50 W D Receiver Device Zo = 50 W 50 W 50 W D VTT VTT = VCC - 2.0 V Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.) http://onsemi.com 7 EE EE EEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEE MC10EP16T, MC100EP16T ORDERING INFORMATION Device MC10EP16TD MC10EP16TDG MC10EP16TDR2 MC10EP16TDR2G MC10EP16TDT MC10EP16TDTG MC10EP16TDTR2 MC10EP16TDTR2G MC10EP16TMNR4 MC10EP16TMNR4G MC100EP16TD MC100EP16TDG MC100EP16TDR2 MC100EP16TDR2G MC100EP16TDT MC100EP16TDTG MC100EP16TDTR2 MC100EP16TDTR2G MC100EP16TMNR4 MC100EP16TMNR4G Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) DFN8 DFN8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) DFN8 DFN8 (Pb-Free) Shipping 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 100 Units / Rail 100 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 1000 / Tape & Reel 1000 / Tape & Reel 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 100 Units / Rail 100 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 1000 / Tape & Reel 1000 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Resource Reference of Application Notes AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices http://onsemi.com 8 MC10EP16T, MC100EP16T PACKAGE DIMENSIONS SOIC-8 NB CASE 751-07 ISSUE AH -X- A 8 5 B 1 S 4 0.25 (0.010) M Y M -Y- G K NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244 C -Z- H D 0.25 (0.010) M SEATING PLANE N X 45 _ 0.10 (0.004) M J ZY S X S DIM A B C D G H J K M N S SOLDERING FOOTPRINT* 1.52 0.060 7.0 0.275 4.0 0.155 0.6 0.024 1.270 0.050 SCALE 6:1 mm inches *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. http://onsemi.com 9 MC10EP16T, MC100EP16T PACKAGE DIMENSIONS TSSOP-8 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948R-02 ISSUE A 8x K REF 0.10 (0.004) M 0.15 (0.006) T U S 2X TU S V S L/2 8 1 5 L PIN 1 IDENT 4 B -U- 0.25 (0.010) M 0.15 (0.006) T U S A -V- F DETAIL E NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 0.80 1.10 0.05 0.15 0.40 0.70 0.65 BSC 0.25 0.40 4.90 BSC 0_ 6_ INCHES MIN MAX 0.114 0.122 0.114 0.122 0.031 0.043 0.002 0.006 0.016 0.028 0.026 BSC 0.010 0.016 0.193 BSC 0_ 6_ C 0.10 (0.004) -T- SEATING PLANE D G DETAIL E -W- DIM A B C D F G K L M http://onsemi.com 10 MC10EP16T, MC100EP16T PACKAGE DIMENSIONS DFN8 CASE 506AA-01 ISSUE D D A B PIN ONE REFERENCE NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994 . 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D D2 E E2 e K L MILLIMETERS MIN MAX 0.80 1.00 0.00 0.05 0.20 REF 0.20 0.30 2.00 BSC 1.10 1.30 2.00 BSC 0.70 0.90 0.50 BSC 0.20 --- 0.25 0.35 2X 0.10 C 2X 0.10 C 0.10 C 8X 0.08 C SEATING PLANE A1 e/2 1 8X 4 L K ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC). ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative CCC CCC CCC CCC 8 E TOP VIEW A (A3) C e SIDE VIEW D2 E2 5 8X b 0.10 C A B 0.05 C NOTE 3 BOTTOM VIEW http://onsemi.com 11 MC10EP16T/D |
Price & Availability of MC100EP16VA |